PART |
Description |
Maker |
TLD1314EL TLD1314EL-15 |
3 Channel High Side Current Source Basic LED Driver Smart low side and high side switches
|
Infineon Technologies AG Infineon Technologies A... Marl International Limi...
|
HIP408304 HIP4083ABZ HIP4083APZ HIP4083AP HIP4083A |
Driver, Three Phase High Side, 80V, 300mA, Drives Three High Side N-Channel MOSFETs 80V, 300mA Three Phase High Side Driver
|
INTERSIL[Intersil Corporation]
|
AM29827DM AM29828DM AM29828PCB AM29828ADC AM29828A |
Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1041LPBF with Standard Packaging 600V Non Punch Through, Short Circuit Rated IGBT in a D-Pak package.; Similar to IRGR3B60KD2 with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; Similar to IRGB10B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL10B60KD with Lead Free Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D-Pak Package; A IPS1031R with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in an SO-8 Package; A IPS1052GPBF with Standard Packaging 600V Fast 1-8 kHz Copack IGBT in a TO-220AB package; Similar to IRG4BC20MD with Lead Free Packaging 600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package; A IRG4BC20KD-S with Standard Packaging 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package; A IRG4PC30KD with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS7091GPBF with Standard Packaging Programmable Current Sense High Side Switch in a 5-Lead D2-Pak Package; A IR3314SPBF with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1051LPBF with Standard Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D2-Pak Package; A IPS1031S with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a TO-220 Package; A IPS7091PBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak Package; A IPS6031SPBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS6041GPBF with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; A IRG4PC50UD with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; Similar to IRG4PC50UD with Lead Free Packaging Programmable Current Sense High Side Switch in a 5-Lead TO-220 Package; A IR3315PBF with Standard Packaging 10位缓冲器/驱动 10-Bit Buffer/Driver 10位缓冲器/驱动
|
Fairchild Semiconductor, Corp. Advanced Micro Devices, Inc.
|
MAX4069 MAX4069AUB MAX4070 MAX4070ATA MAX4070AUA M |
"Bidirectional, High-Side Current-Sense Amplifier with 2.5V REF" "?Bidirectional, High-Side Current-Sense Amplifier with Ext. REF" Bidirectional, High-Side, Current-Sense Amplifiers with Reference Bidirectional / High-Side / Current-Sense Amplifiers with Reference
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IR21814 IR2181S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
IR2117S IR2118S IR2117PBF IR2118SPBF IR2117 IR2117 |
Single High Side Driver, Inverting Input in a 8-pin DIP package Single High Side Driver, Inverting Input in a 8-lead SOIC package Single High Side Driver, Noninverting Input in a 8-lead SOIC package Single channel driver
|
IRF[International Rectifier]
|
FAN73611 FAN73611MX |
High Side Gate Driver Single-Channel High-Side Gate Drive IC
|
Fairchild Semiconductor
|
PS7241C-AT5F3 PS7241C-AT1F4 PS7241C-AT5F4 |
FET-OUTPUT OPTOCOUPLER High and Low Side Driver, Noninverting Inputs; A IR2101 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IRS21064 packaged in a Lead-Free 14-Lead PDIP 场效应管输出光耦合 High and Low Side Driver, Noninverting Inputs; A IR2101S with Standard Packaging 场效应管输出光耦合
|
NEC, Corp.
|
IXD611S1 IXD611P1 IXD611P7 IXD611S7 |
600V, 600 mA High and Low-side Driver 600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
|
IXYS Corporation
|
LTC1154CS8TRPBF LTC1154HS8PBF LT1910 LTC4441-1 LTC |
High-Side Micropower MOSFET Driver; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C BUF OR INV BASED MOSFET DRIVER, PDSO8 High-Side Micropower MOSFET Driver; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C BUF OR INV BASED MOSFET DRIVER, PDSO8 High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
|
Linear Technology, Corp.
|
VND810SP-E |
Double channel high-side driver
|
STMicroelectronics
|
VN750SMP-E |
Single-channel high-side driver
|
STMicroelectronics
|